PART |
Description |
Maker |
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N5655 2N5656 2N5657 |
Power 1A 350V NPN POWER TRANSISTORS NPN SILICON Plastic NPN Silicon High-Voltage Power Transistor
|
ONSEMI[ON Semiconductor]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BUW49 BUW48 4206 |
HIGH CURRENT NPN SILICON TRANSISTORS HIGH POWER NPN SILICON TRANSISTORS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|
2N5038 2N5039 ON0050 |
From old datasheet system NPN Slllcon Translstors NPN SILICON POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
2SA1402 2SC3596 2SC3596-F |
Si, NPN, RF POWER TRANSISTOR, TO-126 PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|